PART |
Description |
Maker |
CAT1023ZI-45T3 CAT1023ZD4I-45-GT2 CAT1023ZD4I-30-G |
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS
|
Catalyst Semiconductor EEPROM ON Semiconductor NXP Semiconductors N.V.
|
AT88RF001NBSP AT88RF001-01 AT88RF001 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each RF Interface IC with 256-bit EEPROM and Password. Provides an RF interface for communication with two-wire and SPI serial memories. Low-cost Asset Identification IC with serial TWI/SPI interface, 320 bits RFID External EEPROM Interface IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
93C46 93C46-EJ 93C46-EP 93C46-ESM 93C46-ESN 93C46- |
256 Bit/1K 5.0V CMOS Serial EEPROM 256 Bit/1K 5.0V CMOS Serial EEPROM 256 Bit/1K 5.0V的CMOS串行EEPROM 1K 5.0V Microwire Serial EEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
24LC024-I/SN 24LC024-I/ST 24LC024-I/P 24LC025-I/P |
256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 SERIAL EEPROM|256X8|CMOS|DIP|8PIN|PLASTIC 串行EEPROM的| 256X8 |的CMOS |双酯| 8引脚|塑料 SERIAL EEPROM|256X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 256X8 |的CMOS | TSSOP封装| 8引脚|塑料 SERIAL EEPROM|256X8|CMOS|SOP|8PIN|PLASTIC 256-Channel, High-Throughput HDLC Controller Stratum 3 Timing Card IC with Synchronous Ethernet Support Stratum 3/3E Timing Card IC
|
Microchip Technology, Inc.
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
28C64AT/P 28C64ATI/L 28C64AFTI/SO 28C64AFI/SO 28C6 |
64K (8K x 8) CMOS EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|
DS28E10P DS28E10RT DS28E10PT DS28E1011 CAT1021YI-3 |
1-Wire SHA-1 Authenticator Irreversible Write Protection The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 2K/4K-Bit Serial EEPROM with Partial Array Write Protection 2K/4K-Bit偏串行EEPROM阵列写保
|
Maxim Integrated Products
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
AT24C32AW-10SI-1.8 AT24C64AW-10SI-1.8 AT24C32AW-10 |
2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8) CTV 3C 3#20 PIN WALL RECP The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each ECONOLINE: RSZ/P - 1kVDC 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 VARSITOR 11VRMS 0805 SMD 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL Corporation Atmel Corp. Atmel, Corp. http://
|
CAT24WC64J1.8TE13B CAT24WC64PTE13B CAT24WC32PTE13B |
32K/64K-Bit I2C Serial CMOS EEPROM 32K/64K-Bit I2C Serial CMOS E2PROM Serial CMOS EEPROM, Full Array Write Protect, 32Kb 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
CATALYST[Catalyst Semiconductor]
|
CAT24WC08WETE13F CAT24WC08WATE13F CAT24WC01PATE13F |
1K/2K/4K/8K/16K-Bit Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MO-187AA, MSOP-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 TSSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
CATALYST[Catalyst Semiconductor] NXP Semiconductors N.V. TE Connectivity, Ltd.
|